|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Voltage Regulators AN7700, AN7700F, AN7700SP Series Low-dropout three-pin voltage regulator 1.2-A type s Overview The AN7700, AN7700F, and AN7700SP series are stabilized constant-voltage power supplies with small difference between I/O voltages (0.5 V typ.). They are suitable for low-voltage, battery-driven equipment, and home appliances and industrial equipment with great fluctuation of the supply voltage. The output voltage ranges: For AN7700, AN7700F 3 V, 4 V, 5 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, and 24 V For AN7700SP 3.3 V, 3.5 V, 5 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, and 15 V AN7700 series (10.35) 10.00.3 3.70.1 4.50.2 1.40.1 2.90.1 15.40.2 Unit: mm 1.4 -0.05 +0.15 0.8 -0.05 (13.6) +0.15 (4.5) 2.54 2.54 0.45 -0.0 (2.0) (2.5) +0.2 10.50.3 TO-220 Package (HSIP003-P-0000) s Features * Minimum I/O voltage difference: 0.5 V (typ.) * On-chip overcurrent limiter * On-chip thermal protection circuit * On-chip inrush current protection circuit at the time of input voltage start-up * On-chip input short-circuit protection circuit (When the input pin is short-circuited to the ground, the circuit between pins 1 and 3 is shut down to prevent current flow.) AN7700F series 10.50.3 (4.3) 5.3 3.10.1 (1.73) 16.70.3 17.00.25 13.60.25 4.50.25 s Applications * Power supply equipment 2.54 1 2 2.0 0.4+0.1 (0.4) -0.05 0.25 0.80.2 2.50.25 1.40.2 4.50.3 3 TO-220F Package (HSIP003-P-0000A) AN7700SP series 6.500.10 5.300.10 4.350.20 3.000.20 1.800.30 0.20max. 2.500.20 5.500.20 7.300.10 Unit: mm 1.000.20 9.800.10 8.70.3 0.80max. 0.550.15 0.100.05 2.300.10 1.000.30 2.30 4.600.10 0.750.10 1 2 3 U-type Package 3.8 4.20.25 0.25 2.770.3 12.50.2 17.00.2 26.10.2 29.00.3 8.70.2 Unit: mm 1 AN7700, AN7700F, AN7700SP Series s Block Diagram Voltage Regulators Input short-circuit protection Output stage Voltage reference Overcurrent limiter Output driver Inrush current protection R1 Thermal protection Error amplifier R2 Starter VREF 1 2 s Pin Descriptions Pin No. 1 2 3 Description Input pin (In) Ground pin (COM) Output pin (Out) s Absolute Maximum Ratings at Ta = 25C Parameter Supply voltage Supply current *2 *3 *4 Symbol VIN IIN Rating 30 2.4 15 10.25 5.0 -30 to +85 -55 to +150 3 Unit V A W Power dissipation AN7700 series AN7700F series AN7700SP series *1 PD Operating ambient temperature Storage temperature *1 Topr Tstg C C Note) *1: Expect for the operating ambient temperature, and storage temperature, all ratings are for Ta = 25C. *2: At the application of VIN = 30 V, the overvoltage protection may be operated by the ASO protection circuit, leading to the output shut down. *3: The current value does not exceed this criterion because of the on-chip current limiter. *4: The internal circuit shuts off the output when Tj 150C (designed value). The relationship between the IC power dissipation and ambient temperature shall conform to the derating curve (s Characteristic curve chart PD Ta). 2 Voltage Regulators AN7700, AN7700F, AN7700SP Series s Recommended Operating Conditions at IOUT = 500 mA, Ta = 25C Part No. AN7703/F AN77033SP AN77035SP AN7704/F AN7705/F/SP AN7706/F/SP AN7707/F/SP AN7708/F/SP AN7709/F/SP AN7710/F/SP AN7712/F/SP AN7715/F/SP AN7718/F AN7720/F AN7724/F Output voltage 3 3.3 3.5 4 5 6 7 8 9 10 12 15 18 20 24 Operating supply voltage range (VIN) 4 to 14 4.3 to 14 4.5 to 14 5 to 15 6 to 16 7 to 17 8 to 18 9 to 19 10 to 20 11 to 21 13 to 23 16.5 to 26.5 19.5 to 29.5 21.5 to 29.5 25.5 to 29.5 Unit V V V V V V V V V V V V V V V 3 AN7700, AN7700F, AN7700SP Series s Electrical Characteristics at Ta = 25C * AN7703/F (3-V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load dependency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 4 V, IOUT = 500 mA, Tj = 25C Voltage Regulators Min 2.91 1.2 1.0 0.5 54 Typ 3.00 3 15 1 10 2.6 3 0.4 0.5 1.8 1.5 1.0 74 Max 3.09 30 60 10 50 5.0 5 0.6 1.0 2.4 2.0 1.5 Unit V mV mV mA mA mA mA V V A A A dB REGIN VIN = 4 V to 14 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 4 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 4 V to 14 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 4 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 4 V, IOUT = 0 mA VIN = 2.7 V, IOUT = 0 mA Minimum I/O voltage difference 1 VDIF(min)1 VIN = 3.5 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 3.5 V, IOUT = 1 200 mA, Tj = 25C Peak output current 1 * Peak output current 2 Peak output current 3 Ripple rejection ratio * * IO(Peak)1 VIN = 4 V, Tj = 25C IO(Peak)2 VIN = 13 V, Tj = 25C IO(Peak)3 VIN = 18 V, Tj = 25C RR VIN = 4 V to 6 V, IOUT = 100 mA, f = 120 Hz Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). * Design reference data Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed. Parameter Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient Symbol Conditions Min Typ 10 150 -40 Max Unit mA C ppm/C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 4 V VIN = 5 V, Tj = 25C to 125C 4 Voltage Regulators AN7700, AN7700F, AN7700SP Series s Electrical Characteristics at Ta = 25C (continued) * AN77033SP (3.3-V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load depndency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 4.3 V, IOUT = 500 mA, Tj = 25C Min 3.20 1.2 53 Typ 3.30 3 15 1 10 2.6 3 0.4 0.5 1.8 74 Max 3.40 35 70 10 50 5.0 5 0.6 1.0 2.4 Unit V mV mV mA mA mA mA V V A dB REGIN VIN = 4.3 V to 14.3 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 4.3 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 4.3 V to 14.3 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 4.3 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 4.3 V, IOUT = 0 mA VIN = 3.0 V, IOUT = 0 mA Minimum I/O voltage difference 1 VDIF(min)1 VIN = 3.7 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 3.7 V, IOUT = 1 200 mA, Tj = 25C Peak output current 1 * Ripple rejection ratio IO(Peak)1 VIN = 4.3 V, Tj = 25 C RR VIN = 4.3 V to 8.0 V, IOUT = 100 mA, f = 120 Hz Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). * Design reference data Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed. Parameter Peak output current 2 Peak output current 3 * * Symbol Conditions Min Typ 1.5 1.0 10 150 -40 Max Unit A A mA C ppm/C IO(Peak)2 VIN = 13.3 V, Tj = 25C IO(Peak)3 VIN = 18.3 V, Tj = 25C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 4.3 V VIN = 4.3 V, Tj = 25C to 125C Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). 5 AN7700, AN7700F, AN7700SP Series s Electrical Characteristics at Ta = 25C (continued) * AN77035SP (3.5-V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load dependency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 4.5 V, IOUT = 500 mA, Tj = 25C Voltage Regulators Min 3.39 1.2 53 Typ 3.50 3 15 1 10 2.6 3 0.4 0.5 1.8 74 Max 3.61 35 70 10 50 5.0 5 0.6 1.0 2.4 Unit V mV mV mA mA mA mA V V A dB REGIN VIN = 4.5 V to 14.5 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 4.5 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 4.5 V to 14.5 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 4.5 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 4.5 V, IOUT = 0 mA VIN = 3.2 V, IOUT = 0 mA Minimum I/O voltage difference 1 VDIF(min)1 VIN = 3.7 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 3.7 V, IOUT = 1 200 mA, Tj = 25C Peak output current 1 * Ripple rejection ratio IO(Peak)1 VIN = 4.5 V, Tj = 25C RR VIN = 4.5 V to 8.0 V, IOUT = 100 mA, f = 120 Hz Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). * Design reference data Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed. Parameter Peak output current 2 Peak output current 3 * * Symbol Conditions Min Typ 1.5 1.0 10 150 -40 Max Unit A A mA C ppm/C IO(Peak)2 VIN = 13.5 V, Tj = 25C IO(Peak)3 VIN = 18.5 V, Tj = 25C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 4.5 V VIN = 4.5 V, Tj = 25C to 125C Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). 6 Voltage Regulators AN7700, AN7700F, AN7700SP Series s Electrical Characteristics at Ta = 25C (continued) * AN7704/F (4-V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load dependency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 5 V, IOUT = 500 mA, Tj = 25C Min 3.88 1.2 52 Typ 4.00 4 20 1.0 10 2.6 3 0.4 0.5 1.8 1.5 1.0 72 Max 4.12 40 80 10 50 5.0 5 0.6 1.0 2.4 Unit V mV mV mA mA mA mA V V A A A dB REGIN VIN = 5 V to 15 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 5 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 5 V to 15 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 5 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 5 V, IOUT = 0 mA VIN = 3.6 V, IOUT = 0 mA Minimum I/O voltage difference 1 VDIF(min)1 VIN = 3.6 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 3.6 V, IOUT = 1 200 mA, Tj = 25C Peak output current 1 * Peak output current 2 Peak output current 3 Ripple rejection ratio * * IO(Peak)1 VIN = 5 V, Tj = 25C IO(Peak)2 VIN = 14 V, Tj = 25C IO(Peak)3 VIN = 19 V, Tj = 25C RR VIN = 5 V to 7 V, IOUT = 100 mA, f = 120 Hz Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). * Design reference data Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed. Parameter Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient Symbol Conditions Min Typ 10 150 -40 Max Unit mA C ppm/C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 5 V VIN = 5 V, Tj = 25C to 12C 7 AN7700, AN7700F, AN7700SP Series s Electrical Characteristics at Ta = 25C (continued) * AN7705/F/SP (5-V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load dependency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 6 V, IOUT = 500 mA, Tj = 25C Voltage Regulators Min 4.85 1.2 1.0 0.5 50 Typ 5.00 5 25 1 10 2.6 3 0.4 0.5 1.8 1.5 1.0 70 Max 5.15 50 100 10 50 5 5 0.6 1.0 2.4 2.0 1.5 Unit V mV mV mA mA mA mA V V A A A dB REGIN VIN = 6 V to 16 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 6 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 6 V to 16 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 6 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 6 V, IOUT = 0 mA VIN = 4.5 V, IOUT = 0 mA Minimum I/O voltage difference 1 VDIF(min)1 VIN = 4.5 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 4.5 V, IOUT = 1 200 mA, Tj = 25C Peak output current 1 * Peak output current 2 (Excluding the SP type) Peak output current 3 * (Excluding the SP type) Ripple rejection ratio * IO(Peak)1 VIN = 6 V, Tj = 25C IO(Peak)2 VIN = 15 V, Tj = 25C IO(Peak)3 VIN = 20 V, Tj = 25C RR VIN = 6 V to 8 V, IOUT = 100 mA, f = 120 Hz Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). * Design reference data Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed. Parameter Peak output current 2 (Only for the SP type) * Symbol Conditions Min Typ 1.5 1.0 10 150 -40 Max Unit A A mA C ppm/C IO(Peak)2 VIN = 15 V, Tj = 25C IO(Peak)3 VIN = 20 V, Tj = 25C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 6 V VIN = 6 V, Tj = 25C to 125C Peak output current 3 * (Only for the SP type) Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). 8 Voltage Regulators AN7700, AN7700F, AN7700SP Series s Electrical Characteristics at Ta = 25C (continued) * AN7706/F/SP (6-V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load dependency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 7 V, IOUT = 500 mA, Tj = 25C Min 5.82 1.2 1.0 0.5 48 Typ 6.00 6 30 1 10 2.6 3 0.4 0.5 1.8 1.5 1.0 68 Max 6.18 60 120 10 50 5.0 5 0.6 1.0 2.4 2.0 1.5 Unit V mV mV mA mA mA mA V V A A A dB REGIN VIN = 7 V to 17 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 7 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 7 V to 17 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 7 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 7 V, IOUT = 0 mA VIN = 5.4 V, IOUT = 0 mA Minimum I/O voltage difference 1 VDIF(min)1 VIN = 5.4 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 5.4 V, IOUT = 1 200 mA, Tj = 25C Peak output current 1 * Peak output current 2 (Excluding the SP type) Peak output current 3 * (Excluding the SP type) Ripple rejection ratio * IO(Peak)1 VIN = 7 V, Tj = 25C IO(Peak)2 VIN = 16 V, Tj = 25C IO(Peak)3 VIN = 21 V, Tj = 25C RR VIN = 7 V to 9 V, IOUT = 100 mA, f = 120 Hz Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). * Design reference data Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed. Parameter Peak output current 2 (Only for the SP type) * Symbol Conditions Min Typ 1.5 1.0 10 150 -40 Max Unit A A mA C ppm/C IO(Peak)2 VIN = 16 V, Tj = 25C IO(Peak)3 VIN = 21 V, Tj = 25C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 7 V VIN = 7 V, Tj = 25C to 125C Peak output current 3 * (Only for the SP type) Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). 9 AN7700, AN7700F, AN7700SP Series s Electrical Characteristics at Ta = 25C (continued) * AN7707/F/SP (7-V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load dependency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 8 V, IOUT = 500 mA, Tj = 25C Voltage Regulators Min 6.79 1.2 1.0 0.5 47 Typ 7.00 7 35 1 10 2.6 3 0.4 0.5 1.8 1.5 1.0 67 Max 7.21 70 140 10 50 5.0 5 0.6 1.0 2.4 2.0 1.5 Unit V mV mV mA mA mA mA V V A A A dB REGIN VIN = 8 V to 18 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 8 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 8 V to 18 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 8 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 8 V, IOUT = 0 mA VIN = 6.3 V, IOUT = 0 mA Minimum I/O voltage difference 1 VDIF(min)1 VIN = 6.3 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 6.3 V, IOUT = 1 200 mA, Tj = 25C Peak output current 1 * Peak output current 2 (Excluding the SP type) Peak output current 3 * (Excluding the SP type) Ripple rejection ratio * IO(Peak)1 VIN = 8 V, Tj = 25C IO(Peak)2 VIN = 17 V, Tj = 25C IO(Peak)3 VIN = 22 V, Tj = 25C RR VIN = 8 V to 10 V, IOUT = 100 mA, f = 120 Hz Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). * Design reference data Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed. Parameter Peak output current 2 (Only for the SP type) * Symbol Conditions Min Typ 1.5 1.0 10 150 -40 Max Unit A A mA C ppm/C IO(Peak)2 VIN = 17 V, Tj = 25C IO(Peak)3 VIN = 22 V, Tj = 25C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 8 V VIN = 8 V, Tj = 25C to 125C Peak output current 3 * (Only for the SP type) Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). 10 Voltage Regulators AN7700, AN7700F, AN7700SP Series s Electrical Characteristics at Ta = 25C (continued) * AN7708/F/SP (8-V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load dependency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 9 V, IOUT = 500 mA, Tj = 25C Min 7.76 1.2 1.0 0.5 46 Typ 8.00 8 40 1 10 2.6 3 0.4 0.5 1.8 1.5 1.0 66 Max 8.24 80 160 10 50 5.0 5 0.6 1.0 2.4 2.0 1.5 Unit V mV mV mA mA mA mA V V A A A dB REGIN VIN = 9 V to 19 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 9 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 9 V to 19 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 9 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 9 V, IOUT = 0 mA VIN = 7.2 V, IOUT = 0 mA Minimum I/O voltage difference 1 VDIF(min)1 VIN = 7.2 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 7.2 V, IOUT = 1 200 mA, Tj = 25C Peak output current 1 * Peak output current 2 (Excluding the SP type) Peak output current 3 * (Excluding the SP type) Ripple rejection ratio * IO(Peak)1 VIN = 9 V, Tj = 25C IO(Peak)2 VIN = 18 V, Tj = 25C IO(Peak)3 VIN = 23 V, Tj = 25C RR VIN = 9 V to 11 V, IOUT = 100 mA, f = 120 Hz Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). * Design reference data Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed. Parameter Peak output current 2 (Only for the SP type) * Symbol Conditions Min Typ 1.5 1.0 10 150 -40 Max Unit A A mA C ppm/C IO(Peak)2 VIN = 18 V, Tj = 25C IO(Peak)3 VIN = 23 V, Tj = 25C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 9 V VIN = 9 V, Tj = 25C to 125C Peak output current 3 * (Only for the SP type) Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). 11 AN7700, AN7700F, AN7700SP Series s Electrical Characteristics at Ta = 25C (continued) * AN7709/F/SP (9-V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load dependency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 10 V, IOUT = 500 mA, Tj = 25C Voltage Regulators Min 8.73 1.2 1.0 0.5 45 Typ 9.00 9 45 1 10 2.6 3 0.4 0.5 1.8 1.5 1.0 65 Max 9.27 90 180 10 50 5.0 5 0.6 1.0 2.4 2.0 1.5 Unit V mV mV mA mA mA mA V V A A A dB REGIN VIN = 10 V to 20 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 10 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 10 V to 20 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 10 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 10 V, IOUT = 0 mA VIN = 8.1 V, IOUT = 0 mA Minimum I/O voltage difference 1 VDIF(min)1 VIN = 8.1 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 8.1 V, IOUT = 1 200 mA, Tj = 25C Peak output current 1 * Peak output current 2 (Excluding the SP type) Peak output current 3 * (Excluding the SP type) Ripple rejection ratio * IO(Peak)1 VIN = 10 V, Tj = 25C IO(Peak)2 VIN = 19 V, Tj = 25C IO(Peak)3 VIN = 24 V, Tj = 25C RR VIN = 10 V to 12 V, IOUT = 100 mA, f = 120 Hz Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). * Design reference data Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed. Parameter Peak output current 2 (Only for the SP type) * Symbol Conditions Min Typ 1.5 1.0 10 150 -40 Max Unit A A mA C ppm/C IO(Peak)2 VIN = 19 V, Tj = 25C IO(Peak)3 VIN = 24 V, Tj = 25C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 10 V VIN = 10 V, Tj = 25C to 125C Peak output current 3 * (Only for the SP type) Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). 12 Voltage Regulators AN7700, AN7700F, AN7700SP Series s Electrical Characteristics at Ta = 25C (continued) * AN7710/F/SP (10-V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load dependency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 11 V, IOUT = 500 mA, Tj = 25C Min 9.7 1.2 1.0 0.5 44 Typ 10.0 10 50 1 10 2.6 3 0.4 0.5 1.8 1.5 1.0 64 Max 10.3 100 200 10 50 5.0 5 0.6 1.0 2.4 2.0 1.5 Unit V mV mV mA mA mA mA V V A A A dB REGIN VIN = 11 V to 21 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 11 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 11 V to 21 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 11 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 11 V, IOUT = 0 mA VIN = 9 V, IOUT = 0 mA Minimum I/O voltage difference 1 VDIF(min)1 VIN = 9 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 9 V, IOUT = 1 200 mA, Tj = 25C Peak output current 1 * Peak output current 2 (Excluding the SP type) Peak output current 3 * (Excluding the SP type) Ripple rejection ratio * IO(Peak)1 VIN = 11 V, Tj = 25C IO(Peak)2 VIN = 20 V, Tj = 25C IO(Peak)3 VIN = 25 V, Tj = 25C RR VIN = 11 V to 13 V, IOUT = 100 mA, f = 120 Hz Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). * Design reference data Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed. Parameter Peak output current 2 (Only for the SP type) * Symbol Conditions Min Typ 1.5 1.0 10 150 -40 Max Unit A A mA C ppm/C IO(Peak)2 VIN = 20 V, Tj = 25C IO(Peak)3 VIN = 25 V, Tj = 25C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 11 V VIN = 11 V, Tj = 25C to 125C Peak output current 3 * (Only for the SP type) Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). 13 AN7700, AN7700F, AN7700SP Series s Electrical Characteristics at Ta = 25C (continued) * AN7712/F/SP (12-V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load dependency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 13 V, IOUT = 500 mA, Tj = 25C Voltage Regulators Min Typ Max Unit V mV mV mA mA mA mA V V A A A dB 11.64 12.00 12.36 1.2 1.0 0.5 42 12 60 1 10 2.6 3 0.4 0.5 1.8 1.5 1.0 62 120 240 10 50 5.0 5 0.6 1.0 2.4 2.0 1.5 REGIN VIN = 13 V to 23 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 13 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 13 V to 23 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 13 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 13 V, IOUT = 0 mA VIN = 10.8 V, IOUT = 0 mA Minimum I/O voltage difference 1 VDIF(min)1 VIN = 10.8 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 10.8 V, IOUT = 1 200 mA, Tj = 25C Peak output current 1 * Peak output current 2 (Excluding the SP type) Peak output current 3 * (Excluding the SP type) Ripple rejection ratio * IO(Peak)1 VIN = 13 V, Tj = 25C IO(Peak)2 VIN = 22 V, Tj = 25C IO(Peak)3 VIN = 27 V, Tj = 25C RR VIN = 13 V to 15 V, IOUT = 100 mA, f = 120 Hz Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). * Design reference data Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed. Parameter Peak output current 2 (Only for the SP type) * Symbol Conditions Min Typ 1.5 1.0 10 150 -40 Max Unit A A mA C ppm/C IO(Peak)2 VIN = 22 V, Tj = 25C IO(Peak)3 VIN = 27 V, Tj = 25C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 13 V VIN = 13 V, Tj = 25C to 125C Peak output current 3 * (Only for the SP type) Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). 14 Voltage Regulators AN7700, AN7700F, AN7700SP Series s Electrical Characteristics at Ta = 25C (continued) * AN7715/F/SP (15-V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load dependency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 16.5 V, IOUT = 500 mA, Tj = 25C Min Typ Max Unit V mV mV mA mA mA mA V V A A dB 14.55 15.00 15.45 1.2 1.0 40 15 75 1 10 2.6 3 0.4 0.5 1.8 1.5 60 150 300 10 50 5 5 0.6 1.0 2.4 2.0 REGIN VIN = 16.5 V to 26.5 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 16.5 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 16.5 V to 26.5 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 16.5 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 16.5 V, IOUT = 0 mA VIN = 13.5 V, IOUT = 0 mA Minimum I/O voltage difference 1 VDIF(min)1 VIN = 13.5 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 13.5 V, IOUT = 1 200 mA, Tj = 25C Peak output current 1 * Peak output current 2 (Excluding the SP type) Ripple rejection ratio * IO(Peak)1 VIN = 16.5 V, Tj = 25C IO(Peak)2 VIN = 25 V, Tj = 25C RR VIN = 16.5 V to 18.5 V, IOUT = 100 mA, f = 120 Hz Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). * Design reference data Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed. Parameter Peak output current 2 (Only for the SP type) * Symbol Conditions Min Typ 1.5 10 150 -40 Max Unit A mA C ppm/C IO(Peak)2 VIN = 25 V, Tj = 25C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 16.5 V VIN = 16.5 V, Tj = 25C to 125C Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). 15 AN7700, AN7700F, AN7700SP Series s Electrical Characteristics at Ta = 25C (continued) * AN7718/F (18-V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load dependency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 19.5 V, IOUT = 500 mA, Tj = 25C Voltage Regulators Min Typ Max Unit V mV mV mA mA mA mA V V A A dB 17.46 18.00 18.54 1.2 1.0 39 18 90 1 10 2.6 3 0.4 0.5 1.8 1.5 59 180 360 10 50 5.0 5 0.6 1.0 2.4 2.0 REGIN VIN = 19.5 V to 29.5 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 19.5 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 19.5 V to 29.5 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 19.5 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 19.5 V, IOUT = 0 mA VIN = 16.2 V, IOUT = 0 mA Minimum I/O voltage difference 1 VDIF(min)1 VIN = 16.2 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 16.2 V, IOUT = 1 200 mA, Tj = 25C Peak output current 1 * Peak output current 2 Ripple rejection ratio * IO(Peak)1 VIN = 19.5 V, Tj = 25C IO(Peak)2 VIN = 28 V, Tj = 25C RR VIN = 19.5 V to 21.5 V, IOUT = 100 mA, f = 120 Hz Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). * Design reference data Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed. Parameter Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient Symbol Conditions Min Typ 10 150 -40 Max Unit mA C ppm/C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 19.5 V VIN = 19.5 V, Tj = 25C to 125C 16 Voltage Regulators AN7700, AN7700F, AN7700SP Series s Electrical Characteristics at Ta = 25C (continued) * AN7720/F (20-V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load dependency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 21.5 V, IOUT = 500 mA, Tj = 25C Min 19.4 1.2 38 Typ 20.0 16 100 1 10 2.6 3 0.4 0.5 1.8 58 Max 20.6 160 400 10 50 5.0 5 0.6 1.0 2.4 Unit V mV mV mA mA mA mA V V A dB REGIN VIN = 21.5 V to 29.5 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 21.5 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 21.5 V to 29.5 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 21.5 V, IIOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 21.5 V, IOUT = 0 mA VIN = 18 V, IOUT = 0 mA Minimum I/O voltage difference 1 VDIF(min)1 VIN = 18 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 18 V, IOUT = 1 200 mA, Tj = 25C Peak output current * Ripple rejection ratio IO(Peak) RR VIN = 21.5 V, Tj = 25C VIN = 21.5 V to 23.5 V, IOUT = 100 mA, f = 120 Hz Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). * Design reference data Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed. Parameter Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient Symbol Conditions Min Typ 10 150 -40 Max Unit mA C ppm/C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 21.5 V VIN = 21.5 V, Tj = 25C to 125C 17 AN7700, AN7700F, AN7700SP Series s Electrical Characteristics at Ta = 25C (continued) * AN7724/F (24-V type) Parameter Output voltage Line regulation Load regulation Input dependency of bias current Load dependency of bias current Bias current at no load Bias current before the regulation starts Symbol VOUT Conditions VIN = 25.5 V, IOUT = 500 mA, Tj = 25C Voltage Regulators Min Typ Max Unit V mV mV mA mA mA mA V V A dB 23.28 24.00 24.72 1.2 36 9.6 120 1 10 2.6 3 0.4 0.5 1.8 56 96 480 10 50 5.0 5 0.6 1.0 2.4 REGIN VIN = 25.5 V to 29.5 V, IOUT = 500 mA, Tj = 25C REGLOA VIN = 25.5 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias(IN) VIN = 25.5 V to 29.5 V, IOUT = 500 mA, Tj = 25C IBias(LOA) VIN = 25.5 V, IOUT = 0 mA to 1 200 mA, Tj = 25C IBias Irush VIN = 25.5 V, IOUT = 0 mA VIN = 21.6 V, IOUT = 0 mA Minimum I/O voltage difference 1 VDIF(min)1 VIN = 21.6 V, IOUT = 500 mA, Tj = 25C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 21.6 V, IOUT = 1 200 mA, Tj = 25C Peak output current * Ripple rejection ratio IO(Peak) RR VIN = 25.5 V, Tj = 25C VIN = 25.5 V to 27.5 V, IOUT = 100 mA, f = 120 Hz Note) * : This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). * Design reference data Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed. Parameter Output short-circuit current Thermal protection operating temperature Output voltage temperature coefficient Symbol Conditions Min Typ 10 150 -40 Max Unit mA C ppm/C IO(Short) VIN = 30 V, Tj = 25C The load is shorted. Tj(TH) a VIN = 25.5 V VIN = 25.5 V, Tj = 25C to 125C 18 Voltage Regulators s Usage Notes 1. Input short-circuit protection circuit When the DC input pin (pin1) and the ground pin (pin2) of our conventional three-pin regulators (AN7800 series, etc.) were short-circuited at normal use conditions in some cases, the voltage of the output pin (pin3) becomes higher than that of the DC input pin and electrons charged in the output capacitor COUT flow into the input side, resulting in break of the element. In those cases, it was necessary for you to connect a general silicon diode as shown in the figure on the right. In the AN7700/AN7700F/AN7700SP series, however, it is not necessary to connect the protection diode because these series have a built-in protection circuit to safeguard the element from discharge current. 2. Capacitor for external compensation To maintain the stability, insert a 33-mF capacitor as close to pin 3 and pin 2 as possible. In case of using at low temperature, decrease in capacity of the aluminum electrolytic capacitor and increase of ESR of this capacitor may lead to oscillation. In the AN7700/AN7700F/AN7700SP series, for the output capacitor COUT , it is recommended to use an aluminum electrolytic capacitor or tantalum capacitor whose equivalent series resistance (ESR) has the temperature characteristic within the recommended area shown on the right. AN7700, AN7700F, AN7700SP Series Not required VIN 1 CIN 0.33 F 2 3 VOUT COUT 33 F Output capacitor ESR (Equivalent series resistance) Ta = 25C 10 000 VIN = Refer to the table below. IOUT = 0 A to 1 A COUT = 33 F 1 000 100 ESR () 10 (typ.) 10 Usable range 1.0 0.1 1 CIN 0.33 F 2 3 COUT 33 F ESR 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 VIN IOUT IOUT (A) GND 3. Others Cautions for the input voltage that exceeds the operating supply voltage: 1) The overvoltage protection is activated with the ASO protection circuit when VIN = 30 V is applied, and the output shuts down occasionally. (3-V type to 10-V type) 2) Please note that at IOUT < 2 mA, the output voltage rises and may exceed the maximum of the operation range. (12-V type to 24-V type) Part No. AN7703/F AN77033SP AN77035SP AN7704/F AN7705/F/SP AN7706/F/SP AN7707/F/SP AN7708/F/SP AN7709/F/SP AN7710/F/SP AN7712/F/SP AN7715/F/SP AN7718/F AN7720/F AN7724/F VIN 4 V to 14 V 4.3 V to 14 V 4.5 V to 14 V 5 V to 15 V 6 V to 16 V 7 V to 17 V 8 V to 18 V 9 V to 19 V 10 V to 20 V 11 V to 21 V 13 V to 23 V 16.5 V to 26.5 V 19.5 V to 29.5 V 21.5 V to 29.5 V 25.5 V to 29.5 V 19 AN7700, AN7700F, AN7700SP Series s Characteristic Curve Chart PD Ta (AN7700 series) 16 14 1 16 14 Voltage Regulators PD Ta (AN7700F series) 16 14 PD Ta (AN7700SP series) Power dissipation PD (W) Power dissipation PD (W) Power dissipation PD (W) 2 12 10 8 3 6 4 2 4 0 0 25 50 75 100 125 150 12 1 10 8 6 3 4 2 4 0 0 25 50 75 100 125 150 12 10 8 6 4 2 0 0 2 3 4 25 50 75 100 125 150 2 1 Ambient temperature Ta (C) Ambient temperature Ta (C) Ambient temperature Ta (C) Installation conditions to heat sink Tightening torque 6 kg*cm Heat radiation compound used Thermal resistance value: Rth(j-c) = 5C/W Rth(j-a) = 65C/W 1) Infinite heat sink: 15000 mW 2) 5C/W heat sink: 12500 mW 3) 15C/W heat sink: 6300 mW 4) Without heat sink: 1923 mW Installation conditions to heat sink Tightening torque 6 kg*cm Heat radiation compound used Thermal resistance value: Rth(j-c) = 12.2C/W Rth(j-a) = 65C/W 1) Infinite heat sink: 10250 mW 2) 5C/W heat sink: 7300 mW 3) 15C/W heat sink: 4500 mW 4) Without heat sink: 1923 mW 1) When AL board is mounted (Basic size : 50 x 50 x t2.0 mm3) Rth(j-a) = 25.0C/W 2) When glass epoxy is mounted 2 (Basic size : 50 x 50 x t1.5 mm3) Rth(j-a) = 89.3C/W 3) When glass epoxy is mounted 1 (Basic size : 50 x 50 x t1.7 mm3) Rth(j-a) = 147.0C/W 4) Without heat sink Rth(j-a) = 178.0C/W VOUT VIN AN7705/F/SP 10 IOUT = 1 A IBias VIN 6 AN7705/F/SP 5 IOUT = 1 A 10 VOUT IOUT AN7705/F/SP Output voltage VOUT (V) 4 Output voltage VOUT (V) Bias current IBias (mA) 3 VIN = 25 V VIN = 20 V 5 VIN = 30 V VIN = 6 V VIN = 15 V VIN = 10 V 0 5 2 1 0 0 10 20 30 0 0 10 20 30 0 1 2 3 Input voltage VIN (V) Input voltage VIN (V) Output current IOUT (A) 20 Voltage Regulators s Characteristic Curve Chart (continued) RR f AN7705/F/SP 100 VIN = 6 V to 8 V IOUT = 100 mA 1.0 AN7705/F/SP AN7700, AN7700F, AN7700SP Series VDIF(min) IOUT 20 IBias IOUT AN7705/F/SP VDIF(min) (V) IBias (mA) RR (dB) 0.5 10 50 0 1 10 100 1k 0 0 5 1.0 0 0 0.5 1.0 f (Hz) Output current IOUT (A) Output current IOUT (A) VOUT Ta AN7705/F/SP 5.1 VIN = 6 V IOUT = 0 mA Output voltage VOUT (V) 5.0 4.9 -50 -25 0 25 50 75 100 Ambient temperature Ta (C) 21 |
Price & Availability of AN7712F |